PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
TCA332 TCA332A TCA335 TCA335G Q67000-A2272 Q67000- |
(TCA335 / TCA332) SINGLE OPERATIONAL AMPLIFIER WITH DARLINGTON INPUT SINGLE OPERATIONAL AMPLIFIER WITH DARLINGTON INPUT 单运算放大器,达林顿输入
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
HA17080APS HA17080PS HA17082APS HA17082PS HA17083A |
J-FET single operational amplifier J-FET dual operational amplifier J-FET quad operational amplifier
|
Hitachi Semiconductor
|
TSM100 TSM100I TSM100ID 7979 TSM100IDT |
SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR From old datasheet system SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AD8629 AD8628ARZ-REEL7 AD8629ARMZ-R2 AD8628AR-REEL |
Zero Drift, Single-Supply, Rail-to-Rail, Input/Output Operational Amplifier Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier OP-AMP, 10 uV OFFSET-MAX, 2500 MHz BAND WIDTH, PDSO8 Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier OP-AMP, 10 uV OFFSET-MAX, 2.5 MHz BAND WIDTH, PDSO5 Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier OP-AMP, 10 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO8 AB 35C 35#16 PIN RECP
|
ANADIGICS, Inc. http:// Analog Devices, Inc.
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 3.0A SINGLE - PHASE SILICON BRIDGE 3.0A的单-相硅
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp.
|
BA10358 BA10358F BA10358FV BA10358N BA10358/F/FV/F |
Dual ground sense operational amplifier Dual ground sense operational amplifier 地面感双运算放大 Standard Linear LSIs > Operational amplifier > Operational amplifier
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
TA75254P |
SINGLE OPERATIONAL AMPLIFIER
|
TOSHIBA
|
LM74107 LM741CN LM741 LM741CM LM741CMX |
Single Operational Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
UPC4061G2-E1 UPC4061G2-E2 UPC4061G2-T1 UPC4061G2-T |
Single operational amplifier
|
NEC
|
UPC4250G2-E1 |
Single operational amplifier
|
NEC
|
UPC815C UPC815C1 UPC816 |
Single operational amplifier
|
NEC
|